Part Number Hot Search : 
C3843 MMBD4 NCE0208I SY88973 X2065 W25Q32 RJK032 RJK032
Product Description
Full Text Search
 

To Download 15SMCJ220CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
1.5SMCJ180 - 1.5SMCJ220CA
Pb
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Features
! ! ! ! ! ! ! Glass Passivated Die Construction 1500W Peak Pulse Power Dissipation B 180V - 220V Standoff Voltage Uni- and Bi-Directional Versions Available Excellent Clamping Capability A Fast Response Time F Plastic Case Material has UL Flammability Classification Rating 94V-O C H G E
SMC/DO-214AB Dim Min Max 5.59 6.22 A 6.60 7.11 B 2.75 3.25 C 0.152 0.305 D 7.75 8.13 E 2.00 2.62 F 0.051 0.203 G 0.76 1.27 H All Dimensions in mm "C" Suffix Designates Bi-directional Devices "A" Suffix Designates 5% Tolerance Devices No Suffix Designates 10% Tolerance Devices
D
Mechanical Data
! ! ! ! ! ! Case: SMC/DO-214AB, Molded Plastic Terminals: Solder Plated, Solderable per MIL-STD-750, Method 2026 Polarity: Cathode Band Except Bi-Directional Marking: Device Code Weight: 0.21 grams (approx.) Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 5
Maximum Ratings and Electrical Characteristics
Characteristic Peak Pulse Power Dissipation 10/1000S Waveform (Note 1, 2) Figure 3 Peak Pulse Current on 10/1000S Waveform (Note 1) Figure 4 Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) (Note 2, 3) Operating and Storage Temperature Range
@TA=25C unless otherwise specified
Symbol PPPM IPPM IFSM Tj, TSTG
Value 1500 Minimum See Table 1 100 -55 to +150
Unit W A A C
Note: 1. Non-repetitive current pulse per Figure 4 and derated above TA = 25C per Figure 1. 2. Mounted on 8.0mm2 copper pad to each terminal. 3. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum.
1.5SMCJ180 - 1.5SMCJ220CA
1 of 5
(c) 2006 Won-Top Electronics
100
10,000
Measured at zero bias
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
Cj, CAPACITANCE (pF)
75
1000
Uni-directional
50
Bi-directional
100
25
10 X 1000 Waveform as defined by REA
0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 1 Pulse Derating Curve
10
Tj = 25C f = 1.0 MHz Vsig = 50mV p-p
1
10
100
1000
VRWM, REVERSE STANDOFF VOLTAGE (V) Fig. 2 Typical Junction Capacitance
100
Tj = 25C
Pd, PEAK PULSE POWER (kW)
10
Non Repetitive Pulse Waveform Shown in Fig. 4
1.0
0.1 0.1 1.0 10 100 1000 10000
tp PULSE WIDTH (ms) Fig. 3 Pulse Rating Curve
IP, PEAK PULSE CURRENT (%Ipp)
tr = 10s
100
Peak Value Ipp
Half Value Ipp/2
50
tp
0
10 X 1000 Waveform as defined by R.E.A.
0
1
2
3
t, TIME (ms) Fig. 4 Pulse Waveform
1.5SMCJ180 - 1.5SMCJ220CA
2 of 5
(c) 2006 Won-Top Electronics
UNI-DIRECTIONAL 1500 WATT SURFACE MOUNT TVS
UNIDEVICE REVERSE DIRECTIONAL MARKING STAND-OFF PART NO. CODE VOLTAGE VRWM (V)
1.5SMCJ180 1.5SMCJ180A 1.5SMCJ190 1.5SMCJ190A 1.5SMCJ200 1.5SMCJ200A 1.5SMCJ210 1.5SMCJ210A 1.5SMCJ220 1.5SMCJ220A GHS GHT GHU GHV GHW GHX GHY GHZ GID GIE 180.00 180.00 190.00 190.00 200.00 200.00 210.00 210.00 220.00 220.00
BREAKDOWN VOLTAGE VBR (V) MIN. @IT
198.00 198.00 209.00 209.00 220.00 220.00 231.00 231.00 242.00 242.00
BREAKDOWN VOLTAGE VBR (V) MAX. @IT
253.80 230.40 267.90 243.20 282.00 256.00 296.10 268.80 310.20 281.60
TEST PEAK PULSE REVERSE MAXIMUM CLAMPING CURRENT CURRENT LEAKAGE VOLTAGE @Ipp Vc (V) IT (mA) Ipp (A) @VRWM IR (uA)
1 1 1 1 1 1 1 1 1 1 322.0 292.0 340.0 308.0 358.0 324.0 376.0 340.0 394.0 356.0 4.7 5.1 4.4 4.8 4.1 4.6 4.0 4.4 3.8 4.2 1 1 1 1 1 1 1 1 1 1
BI-DIRECTIONAL 1500 WATT SURFACE MOUNT TVS
BIDEVICE REVERSE DIRECTIONAL MARKING STAND-OFF PART NO. CODE VOLTAGE VRWM (V)
1.5SMCJ180C 1.5SMCJ180CA 1.5SMCJ190C 1.5SMCJ190CA 1.5SMCJ200C 1.5SMCJ200CA 1.5SMCJ210C 1.5SMCJ210CA 1.5SMCJ220C 1.5SMCJ220CA BHS BHT BHU BHV BHW BHX BHY BHZ BID BIE 180.00 180.00 190.00 190.00 200.00 200.00 210.00 210.00 220.00 220.00
BREAKDOWN VOLTAGE VBR (V) MIN. @IT
198.00 198.00 209.00 209.00 220.00 220.00 231.00 231.00 242.00 242.00
BREAKDOWN VOLTAGE VBR (V) MAX. @IT
253.80 230.40 267.90 243.20 282.00 256.00 296.10 268.80 310.20 281.60
TEST PEAK PULSE REVERSE MAXIMUM CLAMPING CURRENT CURRENT LEAKAGE VOLTAGE @Ipp Vc (V) IT (mA) Ipp (A) @VRWM IR (uA)
1 1 1 1 1 1 1 1 1 1 322.0 292.0 340.0 308.0 358.0 324.0 376.0 340.0 394.0 356.0 4.7 5.1 4.4 4.8 4.1 4.6 4.0 4.4 3.8 4.2 1 1 1 1 1 1 1 1 1 1
1.5SMCJ180 - 1.5SMCJ220CA
3 of 5
(c) 2006 Won-Top Electronics
MARKING INFORMATION
RECOMMENDED FOOTPRINT
WTE xxx
Cathode WTE xxx = Polarity Band Except Bi-Directional Types = Manufacturer's Logo = Device Code, See Page 3
0.060 MIN (1.52 MIN)
0.121 MIN (3.07 MIN)
0.185 MAX (4.69 MAX)
inches(mm)
PACKAGING INFORMATION
TAPE & REEL
Direction of Unreeling
8mm 330mm 16mm
4mm 16mm Product ID Label
1.6mm
Reel Diameter (mm) 330
Quantity (PCS) 3,000
Inner Box Size L x W x H (mm) 340 x 337 x 45
Quantity (PCS) 6,000
Carton Size L x W x H (mm) 370 x 370 x 420
Quantity (PCS) 48,000
Approx. Gross Weight (KG) 19.0
Note: 1. Paper reel, white or gray color. 2. Components are packed in accordance with EIA standard 481-1 and 481-2.
1.5SMCJ180 - 1.5SMCJ220CA
4 of 5
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
1.5SMCJxx-T3
1. 2.
Package Type
SMC
Shipping Quantity
3000/Tape & Reel
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order RoHS / Lead Free version, add "-LF" suffix to part number above. For example, 1.5SMCJ180-T3-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
1.5SMCJ180 - 1.5SMCJ220CA
5 of 5
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of 15SMCJ220CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X